Part Number Hot Search : 
MS2501 MS2501 23VL070 STK4164 L4969 1N4737AM F2048 USB22
Product Description
Full Text Search
 

To Download TSOP1233WI1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TSOP12..WI1
Vishay Semiconductors
IR Receiver Modules for Remote Control Systems
Description
The TSOP12..WI1 - series are miniaturized receivers for infrared remote control systems. PIN diode and preamplifier are assembled on lead frame, the epoxy package is designed as IR filter. The demodulated output signal can directly be decoded by a microprocessor. TSOP12..WI1 is the standard IR remote control receiver series, supporting all major transmission codes.
3
13643
Features
* Photo detector and preamplifier in one package * Internal filter for PCM frequency * Improved shielding against electrical field disturbance * TTL and CMOS compatibility * Output active low * Low power consumption
Special Features
* Improved immunity against ambient light * Suitable burst length 10 cycles/burst
e3
Parts Table
Part TSOP1230WI1 TSOP1233WI1 TSOP1236WI1 TSOP1237WI1 TSOP1238WI1 TSOP1240WI1 TSOP1256WI1 Carrier Frequency 30 kHz 33 kHz 36 kHz 36.7 kHz 38 kHz 40 kHz 56 kHz
Block Diagram
16832
Application Circuit
2 30 k Input PIN AGC Band Pass Demodulator
VS
16842
3
OUT
Circuit
Transmitter TSOPxxxx with TSALxxxx
R1 = 100 VS C1 = 4.7 F VO +VS
1 Control Circuit
GND
OUT GND
C
GND
R1 + C1 recommended to suppress power supply disturbances. The output voltage should not be hold continuously at a voltage below VO = 3.3 V by the external circuit.
Document Number 82022 Rev. 1.7, 27-Jan-05
www.vishay.com 1
TSOP12..WI1
Vishay Semiconductors Absolute Maximum Ratings
Absolute Maximum Ratings Tamb = 25 C, unless otherwise specified Parameter Supply Voltage Supply Current Output Voltage Output Current Junction Temperature Storage Temperature Range Operating Temperature Range Power Consumption Soldering Temperature (Tamb 85 C) t5s (Pin 2) (Pin 2) (Pin 3) (Pin 3) Test condition Symbol VS IS VO IO Tj Tstg Tamb Ptot Tsd Value - 0.3 to + 6.0 5 - 0.3 to + 6.0 5 100 - 25 to + 85 - 25 to + 85 50 260
VISHAY
Unit V mA V mA C C C mW C
Electrical and Optical Characteristics
Tamb = 25 C, unless otherwise specified Parameter Supply Current (Pin 2) Supply Voltage (Pin 2) Transmission Distance Output Voltage Low (Pin 3) Minimum Irradiance (30 - 40 kHz) Minimum Irradiance (56 kHz) Ev = 0, test signal see fig.1, IR diode TSAL6200, IF = 400 mA IOSL = 0.5 mA, Ee = 0.7 mW/m2, f = fo, test signal see fig. 1 Pulse width tolerance: tpi - 5/fo < tpo < tpi + 6/fo, test signal see fig.1 Pulse width tolerance: tpi - 5/fo < tpo < tpi + 6/fo, test signal see fig.1 tpi - 5/fo < tpo < tpi + 6/fo, test signal see fig. 1 Angle of half transmission distance Test condition VS = 5 V, Ev = 0 VS = 5 V, Ev = 40 klx, sunlight Symbol ISD ISH VS d VOSL Ee min 0.35 4.5 35 250 0.5 Min 0.8 Typ. 1.2 1.5 5.5 Max 1.5 Unit mA mA V m mV mW/m2
Ee min
0.4
0.6
mW/m2
Maximum Irradiance Directivity
Ee max 1/2
30 45
W/m2 deg
www.vishay.com 2
Document Number 82022 Rev. 1.7, 27-Jan-05
VISHAY
TSOP12..WI1
Vishay Semiconductors
Typical Characteristics (Tamb = 25 C unless otherwise specified)
Ee Optical Test Signal
(IR diode TSAL6200, IF = 0.4 A, 30 pulses, f = f0, T = 10 ms)
Ton ,Toff - Output Pulse Width ( ms )
1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0.1 1.0 l = 950 nm, optical test signal, fig.3 Toff Ton
t tpi * T * tpi w 10/fo is recommended for optimal function VO VOH VOL td1 ) Output Signal
1) 2)
16110
7/f0 < td < 15/f0 tpi-5/f0 < tpo < tpi+6/f0 tpo2 ) t
10.0
100.0 1000.010000.0
16909
Ee - Irradiance ( mW/m2 )
Figure 1. Output Function
Figure 4. Output Pulse Diagram
1.0
t po - Output Pulse Width ( ms )
1.2
E e min / E e - Rel. Responsivity
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0.1 1.0
Output Pulse
1.0 0.8 0.6 0.4 0.2 0.0 0.7 f = f0"5% Df ( 3dB ) = f0/10 0.9 1.1 1.3
Input Burst Duration
l = 950 nm, optical test signal, fig.1
10.0
100.0 1000.010000.0 mW/m2 )
16925
16908
Ee - Irradiance (
f/f0 - Relative Frequency
Figure 2. Pulse Length and Sensitivity in Dark Ambient
Figure 5. Frequency Dependence of Responsivity
Ee
Optical Test Signal
Ee min- Threshold Irradiance ( mW/m 2 )
4.0 3.5 3.0 2.5 2.0 1.5 1.0 0.5 0.0 0.01 Ambient, l = 950 nm
Correlation with ambient light sources: 10W/m2^1.4klx (Std.illum.A,T=2855K) 10W/m2^8.2klx (Daylight,T=5900K)
600 ms T = 60 ms Output Signal, ( see Fig.4 )
600 ms
t
94 8134
VO VOH VOL
Ton
Toff
t
16911
0.10
1.00
10.00
100.00
E - Ambient DC Irradiance (W/m2)
Figure 3. Output Function
Figure 6. Sensitivity in Bright Ambient
Document Number 82022 Rev. 1.7, 27-Jan-05
www.vishay.com 3
TSOP12..WI1
Vishay Semiconductors
VISHAY
Ee min- Threshold Irradiance ( mW/m 2 )
Ee min- Threshold Irradiance ( mW/m 2 )
2.0 f = fo f = 10 kHz 1.0
0.6 0.5 0.4 0.3 0.2 0.1 0.0 -30 -15 0 15 30 45 60 75 Tamb - Ambient Temperature ( C ) Sensitivity in dark ambient
1.5
f = 1 kHz
0.5 f = 100 Hz 0.0 0.1 1.0 10.0 100.0 1000.0 DVsRMS - AC Voltage on DC Supply Voltage (mV)
90
16912
16918
Figure 7. Sensitivity vs. Supply Voltage Disturbances
Figure 10. Sensitivity vs. Ambient Temperature
E e min- Threshold Irradiance ( mW/m 2 )
2.0 f(E) = f0 1.6 1.2 0.8 0.4 0.0 0.0 0.4 0.8 1.2 1.6 2.0 E - Field Strength of Disturbance ( kV/m )
S ( l ) rel - Relative Spectral Sensitivity
1.2 1.0 0.8 0.6 0.4 0.2 0 750
850
950
1050
1150
94 8147
94 8408
l - Wavelength ( nm )
Figure 8. Sensitivity vs. Electric Field Disturbances
Figure 11. Relative Spectral Sensitivity vs. Wavelength
0.8 0.7
Max. Envelope Duty Cycle
0
10
20 30
0.6 40 0.5 0.4 0.3 0.2 0.1 0.0 0 20 40 60 80 100 120
95 11340p2
1.0 0.9 0.8 f = 38 kHz, Ee = 2 mW/m2 0.7 50 60 70 80 0.6 0.4 0.2 0 0.2 0.4 0.6 d rel - Relative Transmission Distance
16913
Burst Length ( number of cycles / burst )
Figure 9. Max. Envelope Duty Cycle vs. Burstlength
Figure 12. Horizontal Directivity x
www.vishay.com 4
Document Number 82022 Rev. 1.7, 27-Jan-05
VISHAY
TSOP12..WI1
Vishay Semiconductors
* Continuous signal at 38 kHz or at any other frequency * Signals from fluorescent lamps with electronic ballast with high or low modulation (see Figure 14 or Figure 15).
0
10
20 30
40 1.0 0.9 0.8 0.7 50 60 70
IR Signal
80 0.6 0.4 0.2 0 0.2 0.4 0.6 d rel - Relative Transmission Distance
95 11339p2
Figure 13. Vertical Directivity y
IR Signal from fluorescent lamp with low modulation
Suitable Data Format
The circuit of the TSOP12..WI1 is designed in that way that unexpected output pulses due to noise or disturbance signals are avoided. A bandpass filter, an integrator stage and an automatic gain control are used to suppress such disturbances. The distinguishing mark between data signal and disturbance signal are carrier frequency, burst length and duty cycle. The data signal should fulfill the following conditions: * Carrier frequency should be close to center frequency of the bandpass (e.g. 38 kHz). * Burst length should be 10 cycles/burst or longer. * After each burst which is between 10 cycles and 70 cycles a gap time of at least 14 cycles is necessary. * For each burst which is longer than 1.8 ms a corresponding gap time is necessary at some time in the data stream. This gap time should be at least 4 times longer than the burst. * Up to 800 short bursts per second can be received continuously. Some examples for suitable data format are: NEC Code (repetitive pulse), NEC Code (repetitive data), Toshiba Micom Format, Sharp Code, RC5 Code, RC6 Code, R-2000 Code, Sony Code. When a disturbance signal is applied to the TSOP12..WI1 it can still receive the data signal. However the sensitivity is reduced to that level that no unexpected pulses will occur. Some examples for such disturbance signals which are suppressed by the TSOP12..WI1 are: * DC light (e.g. from tungsten bulb or sunlight)
16920
0
5
10 Time ( ms )
15
20
Figure 14. IR Signal from Fluorescent Lamp with low Modulation
IR Signal from fluorescent lamp with high modulation
IR Signal
0
16921
5
10 Time ( ms )
15
20
Figure 15. IR Signal from Fluorescent Lamp with high Modulation
Document Number 82022 Rev. 1.7, 27-Jan-05
www.vishay.com 5
TSOP12..WI1
Vishay Semiconductors Package Dimensions in mm
VISHAY
12828
www.vishay.com 6
Document Number 82022 Rev. 1.7, 27-Jan-05
VISHAY
Ozone Depleting Substances Policy Statement
It is the policy of Vishay Semiconductor GmbH to 1. Meet all present and future national and international statutory requirements.
TSOP12..WI1
Vishay Semiconductors
2. Regularly and continuously improve the performance of our products, processes, distribution and operatingsystems with respect to their impact on the health and safety of our employees and the public, as well as their impact on the environment. It is particular concern to control or eliminate releases of those substances into the atmosphere which are known as ozone depleting substances (ODSs). The Montreal Protocol (1987) and its London Amendments (1990) intend to severely restrict the use of ODSs and forbid their use within the next ten years. Various national and international initiatives are pressing for an earlier ban on these substances. Vishay Semiconductor GmbH has been able to use its policy of continuous improvements to eliminate the use of ODSs listed in the following documents. 1. Annex A, B and list of transitional substances of the Montreal Protocol and the London Amendments respectively 2. Class I and II ozone depleting substances in the Clean Air Act Amendments of 1990 by the Environmental Protection Agency (EPA) in the USA 3. Council Decision 88/540/EEC and 91/690/EEC Annex A, B and C (transitional substances) respectively. Vishay Semiconductor GmbH can certify that our semiconductors are not manufactured with ozone depleting substances and do not contain such substances.
We reserve the right to make changes to improve technical design and may do so without further notice. Parameters can vary in different applications. All operating parameters must be validated for each customer application by the customer. Should the buyer use Vishay Semiconductors products for any unintended or unauthorized application, the buyer shall indemnify Vishay Semiconductors against all claims, costs, damages, and expenses, arising out of, directly or indirectly, any claim of personal damage, injury or death associated with such unintended or unauthorized use. Vishay Semiconductor GmbH, P.O.B. 3535, D-74025 Heilbronn, Germany Telephone: 49 (0)7131 67 2831, Fax number: 49 (0)7131 67 2423
Document Number 82022 Rev. 1.7, 27-Jan-05
www.vishay.com 7
Legal Disclaimer Notice
Vishay
Notice
Specifications of the products displayed herein are subject to change without notice. Vishay Intertechnology, Inc., or anyone on its behalf, assumes no responsibility or liability for any errors or inaccuracies. Information contained herein is intended to provide a product description only. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document. Except as provided in Vishay's terms and conditions of sale for such products, Vishay assumes no liability whatsoever, and disclaims any express or implied warranty, relating to sale and/or use of Vishay products including liability or warranties relating to fitness for a particular purpose, merchantability, or infringement of any patent, copyright, or other intellectual property right. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications. Customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify Vishay for any damages resulting from such improper use or sale.
Document Number: 91000 Revision: 08-Apr-05
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of TSOP1233WI1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X